Part Number Hot Search : 
CA37NL21 ADE209 ECA0J 74LS157 AS321K THN6702 2SC34 06C10
Product Description
Full Text Search
 

To Download CD214B-T90A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter symbol value unit minimum peak pulse power dissipation (t p = 1 ms) (note 1,2) p pk 600 watts peak forward surge current 8.3ms single half sine wave superimposed on rated load i fsm 100 amps (jedec method) (note 3) steady state power dissipation @ t l = 75 ? p m(av) 5.0 watts maximum instantaneous forward voltage @ i pp = 50 a v f (note 5) volts (for unidirectional units only) operating temperature range t j -55 to +150 ? storage temperature range t stg -55 to +175 ? 1. non-repetitive current pulse, per pulse waveform graph and derated above ta = 25 ? per pulse derating curve. 2. thermal resistance junction to lead. 3. 8.3 ms single half-sine wave duty cycle = 4 pulses maximum per minute (unidirectional units only). 4. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20 %. 5. v f = 3.5 v on cd214b-t5.0a through CD214B-T90A and v f = 5.0 v on cd214b-t100a through cd214b-t170a. ! ! terminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number ! mechanical data case: smb/do-214aa, molded plastic weight: 0.093 grams (approx.) smb(do-214aa) dim min max a b c 1.91 2.21 d 0.15 0.31 e 5.00 5.59 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm a b c d g h e j 3.30 3.94 4.06 4.70 a b c d g h e j features maximum ratings t a = 25 c unless otherwise specified ! ! ! ! ! lead free versions available rohs compliant (lead free version)* surface mount smb package standoff voltage: 5.0 to 170 volts power dissipation: 600 watts cd214b-t5.0a(ca) - cd214b-t170a(ca) power: 600wa t t s voltage range: 5.0 - 17 0v surface mount transient voltage suppressor diodes 1 of 3 www.sunmate.tw
electrical characteristics (@t a = 25 ? unless otherwise noted) maximum maximum maximum unidirectional device bidirectional device working peak reverse reverse reverse breakdown voltage reverse leakage voltage surge part part part part v br (volts) voltage @ v rwm @irsm current number marking number marking min. max. @ i t (ma) v rwm (volts) i r (ua) v rsm (volts) i rsm (amps) notes: 1. suffix ??denotes a 5 % tolerance device. 3. for bidirectional devices with a v r of 10 volts or less, the i r limit is double. 2. suffix ?a?denotes a 5 % tolerance bidirectional device. 4. for unidirectional devices with a v f max. of 3.5 v at an i f of 35 a, 0.5 sine wave of 8.3 ms pulse width. cd214b-t5.0a ke cd214b-t5.0ca ae 6.40 7.25 10 5.0 800 9.2 65.2 cd214b-t6.0a kg cd214b-t6.0ca ag 6.67 7.67 10 6.0 800 10.3 58.3 cd214b-t6.5a kk cd214b-t6.5ca ak 7.22 8.30 10 6.5 500 11.2 53.6 2 of 3 www.sunmate.tw cd214b-t7.0a km cd214b-t7.0ca am 7.78 8.95 10 7.0 200 12.0 50.0 cd214b-t7.5a kp cd214b-t7.5ca ap 8.33 9.58 1.0 7.5 100 12.9 46.5 cd214b-t8.0a kr cd214b-t8.0ca ar 8.89 10.2 1.0 8.0 50 13.6 44.1 cd214b-t8.5a kt cd214b-t8.5ca at 9.44 10.8 1.0 8.5 20 14.4 41.7 cd214b-t9.0a kv cd214b-t9.0ca av 10.0 11.5 1.0 9.0 10 15.4 39.0 cd214b-t10a kx cd214b-t10ca ax 11.1 12.8 1.0 10 5.0 17.0 35.3 cd214b-t11a kz cd214b-t11ca az 12.2 14.4 1.0 11 5.0 18.2 33.0 cd214b-t12a le cd214b-t12ca be 13.3 15.3 1.0 12 5.0 19.9 30.2 cd214b-t13a lg cd214b-t13ca bg 14.4 16.5 1.0 13 5.0 21.5 27.9 cd214b-t14a lk cd214b-t14ca bk 15.6 17.9 1.0 14 5.0 23.2 25.8 cd214b-t15a lm cd214b-t15ca bm 16.7 19.2 1.0 15 5.0 24.4 24.0 cd214b-t16a lp cd214b-t16ca bp 17.8 20.5 1.0 16 5.0 26.0 23.1 cd214b-t17a lr cd214b-t17ca br 18.9 21.7 1.0 17 5.0 27.6 21.7 cd214b-t18a lt cd214b-t18ca bt 20.0 23.3 1.0 18 5.0 29.2 20.5 cd214b-t20a lv cd214b-t20ca bv 22.2 25.5 1.0 20 5.0 32.4 18.5 cd214b-t22a lx cd214b-t22ca bx 24.4 28.0 1.0 22 5.0 35.5 16.9 cd214b-t24a lz cd214b-t24ca bz 26.7 30.7 1.0 24 5.0 38.9 15.4 cd214b-t26a me cd214b-t26ca ce 28.9 32.2 1.0 26 5.0 42.1 14.2 cd214b-t28a mg cd214b-t28ca cg 31.1 35.8 1.0 28 5.0 45.4 13.2 cd214b-t30a mk cd214b-t30ca ck 33.3 38.3 1.0 30 5.0 48.4 12.4 cd214b-t33a mm cd214b-t33ca cm 36.7 42.2 1.0 33 5.0 53.3 11.3 cd214b-t36a mp cd214b-t36ca cp 40 46.0 1.0 36 5.0 58.1 10.3 cd214b-t40a mr cd214b-t40ca cr 44.4 51.1 1.0 40 5.0 64.5 9.3 cd214b-t43a mt cd214b-t43ca ct 47.8 54.9 1.0 43 5.0 69.4 8.6 cd214b-t45a mv cd214b-t45ca cv 50 57.5 1.0 45 5.0 72.7 8.3 cd214b-t48a mx cd214b-t48ca cx 53.3 61.3 1.0 48 5.0 77.4 7.7 cd214b-t51a mz cd214b-t51ca cz 56.7 65.2 1.0 51 5.0 82.4 7.3 cd214b-t54a ne cd214b-t54ca de 60 69 1.0 54 5.0 87.1 6.9 cd214b-t58a ng cd214b-t58ca dg 64.4 74.6 1.0 58 5.0 93.6 6.4 cd214b-t60a nk cd214b-t60ca dk 66.7 76.7 1.0 60 5.0 96.8 6.2 cd214b-t64a nm cd214b-t64ca dm 71.1 81.8 1.0 64 5.0 103 5.8 cd214b-t70a np cd214b-t70ca dp 77.8 89.5 1.0 70 5.0 113 5.3 cd214b-t75a nr cd214b-t75ca dr 83.3 95.8 1.0 75 5.0 121 4.9 cd214b-t78a nt cd214b-t78ca dt 86.7 99.7 1.0 78 5.0 126 4.7 cd214b-t85a nv cd214b-t85ca dv 94.4 109 1.0 85 5.0 137 4.4 CD214B-T90A nx cd214b-t90ca dx 100 116 1.0 90 5.0 146 4.1 cd214b-t100a nz cd214b-t100ca dz 111 128 1.0 100 5.0 162 3.7 cd214b-t110a pe cd214b-t110ca ee 122 140 1.0 110 5.0 177 3.4 cd214b-t120a pg cd214b-t120ca eg 133 153 1.0 120 5.0 193 3.1 cd214b-t130a pk cd214b-t130ca ek 144 165 1.0 130 5.0 209 2.9 cd214b-t150a pm cd214b-t150ca em 167 192 1.0 150 5.0 243 2.5 cd214b-t160a pp cd214b-t160ca ep 178 205 1.0 160 5.0 259 2.3 er 189 218 1.0 170 5.0 275 2.2 cd214b-t170a pr cd214b-t170ca
pulse derating curve maximum non-repetitive surge current 100 75 50 25 0 050 25 75 100 150 125 175 200 ambient temperature ( peak pulse derating in percent of peak power or current ?) 10 x 1000 waveform as defined by r.e.a. peak forward surge current (amps) 120 80 100 60 40 20 0 1 2 5 10 20 50 100 number of cycles at 60 hz pulse width 8.3 ms single half sine-wave (jedec method) pulse waveform typical junction capacitance 100 50 0 01.0 2.0 3.0 4.0 t, time (ms) i p , peak pulse current (%) ta=25 ? tp tr=10 ? half value= irsm 2 peak value (irsm) pulse width (tp) is defined as that point where the peak current decays to 50 % of ipsm. 10 x 1000 waveform as defined by r.e.a. capacitance (pf) 10000 100 0 0 10 100 1000 standoff voltage (volts) 1000 bidirectional ta = 25 ? unidirectional pulse rating curve steady state power derating curve 100 10 1.0 0.1 0.1 ? 1.0 ? 10 ? 10 ms tp, pulse width p p , peak power (kw) 100 ? 1.0 ms 5.0 mm lead areas ta = 25 ? non-repetitive pulse waveform shown in pulse waveform graph 5.0 3.0 4.0 2.0 1.0 0.0 050 25 75 100 150 125 175 200 tl, lead temperature (c) rm(av) steady state power dissipation (w) 60 hz resistive or inductive load 3 of 3 www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of CD214B-T90A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X